PART |
Description |
Maker |
VRS51L1050-25-L-ISPV3 VRS51L1050-25-Q-ISPV3 VRS51L |
Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
|
Ramtron International Corporation
|
VRS51C1100 |
Versa 8051 MCU
|
Ramtron
|
VRS51L2070-40-QG |
High-Performance Versa 8051 MCU
|
Ramtron International Corporation
|
AT89LP51ED2-20JU AT89LP51RD2-14 |
8-bit Flash Microcontroller with 64KB Program Memory 8-bit Microcontroller Compatible with 8051 Products
|
ATMEL Corporation
|
M27C1024-10XF7 M27C1024-12XF7 M27C1024-15XF7 M27C1 |
1-Mbit (64Kb x16) UV EPROM, 100ns 1-Mbit (64Kb x16) UV EPROM, 120ns 1-Mbit (64Kb x16) UV EPROM, 150ns 1-Mbit (64Kb x16) UV EPROM, 200ns 1-Mbit (64Kb x16) UV EPROM, 35ns 1-Mbit (64Kb x16) UV EPROM, 45ns 1-Mbit (64Kb x16) UV EPROM, 55ns 1-Mbit (64Kb x16) UV EPROM, 70ns 1-Mbit (64Kb x16) UV EPROM, 80ns 1-Mbit (64Kb x16) UV EPROM, 90ns 1-Mbit (64Kb x16) OTP EPROM, 120ns 1-Mbit (64Kb x16) OTP EPROM, 70ns 1-Mbit (64Kb x16) OTP EPROM, 90ns 1-Mbit (64Kb x16) OTP EPROM, 55ns 1-Mbit (64Kb x16) OTP EPROM, 45ns 1-Mbit (64Kb x16) OTP EPROM, 35ns 1-Mbit (64Kb x16) OTP EPROM, 150ns 1-Mbit (64Kb x16) OTP EPROM, 100ns
|
SGS Thomson Microelectronics
|
ST62E01C ST62E01CD1 ST6201CB1 ST6201CB3 ST6203CB6 |
(ST62T00C / ST62T01C / ST62T03C / ST62E01C) 8-BIT OTP/EPROM MCUs IC-8-BIT MCU 1K EPROM 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS 8位检察官办公存储器与阿微控制 D转换器,振荡器保障,安全复位16个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
LPC11U34FHN33 LPC11U35FET48 LPC11U35FBD48 LPC11U35 |
40kB flash, 8kB SRAM, HVQFN32 package 64kB flash, 12kB SRAM, TFBGA48 package 64kB flash, 10kB SRAM, LQFP48 package 64kB flash, 12kB SRAM, HVQFN32 package 64kB flash, 10kB SRAM, LQFP64 package 64kB flash, 10kB SRAM, HVQFN32 package 96kB flash, 10kB SRAM, LQFP48 package 128kB flash, 10kB SRAM, LQFP48 package 128kB flash, 12kB SRAM, LQFP64 package
|
NXP Semiconductors
|
ST6210L ST6210LB1 ST6210LM1 ST6220L ST6220LB1 ST62 |
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8ROM微控制器使用A / D转换器和20图钉 LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8位ROM微控制器使用A / D转换器和20图钉 (ST6208L - ST6220L) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ST62T65B ST6265BM3 ST6265BB6 |
(ST6255B / ST6265B) 8-BIT OTP/EPROM MCUs Replaced by PT78HT205 : 5Vout 2A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 8位检察官办公存储器与阿微控制 D转换器,自动重加载定时器,EEPROM和的SPI 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI 8位检察官办公存储器与阿微控制 D转换器,自动重加载定时器,EEPROM和的SPI
|
ST Microelectronics STMicroelectronics N.V.
|
ST63P56 ST6356 ST6357 ST6327 ST6326 ST63PXX ST6306 |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-3.8A; On-Resistance, Rds(on):0.062ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:8-1206; Leaded Process Compatible:No 8位微控制器HCMOS背驮式电视应 (ST63Pxx) 8 Bit HCMOS Piggyback MCUs for TV Applications 8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|